|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S5 A ... S5 M Surface mount diode Standard silicon rectifier diodes S5 A...S5 M Forward Current: 5 A Reverse Voltage: 50 to 1000 V Absolute Maximum Ratings Symbol Conditions Values Units Features Mechanical Data Characteristics Symbol Conditions Values Units 1) 2) 3) 4) Dimensions in mm 1 18-04-2007 MAM (c) by SEMIKRON S5 A ... S5 M Fig. 1 Forward characteristic ( typical values ) Fig. 2 Rated forward current vs. temp. of the terminals4) 2 18-04-2007 MAM (c) by SEMIKRON |
Price & Availability of S5G |